PART |
Description |
Maker |
1414659 |
Cable gland - HC-B-GTRS-M40-ER-AL
|
PHOENIX CONTACT
|
384240 |
Male Connec. B 64 solder clip
|
ERNI Electronics
|
BCM3520 |
CONNEC TV PLUG AND PLAY DTV RECEIVER
|
ETC
|
SD-112038-5002 TCDDN-8B4P-KKU 1120925002 |
BradControl Class 60mm 8 Ports IO module, 12 Inputs/4 Outputs, M23
|
Molex Electronics Ltd.
|
MB3CG-S1 |
M23 B Series Traditional Cord Grip, IP67, Cable Range 7.5 -10.5mm
|
Amphenol Corporation
|
MA3CG-S1 |
M23 A Series Traditional Cord Grip, IP67, Cable Range 4.5 -10.5mm
|
Amphenol Corporation
|
PLUSCON-RCS |
Special pipe spanner, tool for mounting the M23 connector housing (with assembly), for coupling and sleeve housing
|
PHOENIX CONTACT
|
GB162H GB162HHYBAMLA-V00 GB162HSGAANDA-V00 GB162HH |
POT,5K,RV16AF-10-20R1-B5K LINEAR,16MM,1/8 WATT,.531" CHARGER,BATTERY W/2 9V BATTERY 160mAh 9V BATTERYS(2)120VAC,2 SPEAKER,MICRO RD,8OHM,1.5-2.0W 2.0"Dx.342"H,600-3000Hz,2"/CO BREADBOARD,CONNEC,THRU-HOLE PATTERNS:USB,1394,RJ11,12,45,D POT,50K,RV16B-10-15R1-B50K LINEAR,16MM,1/5 WATT,.335",SW 规格液晶模块 POT,100K,RV16B-20-15R1-B100K LINEAR,16MM,1/5 WATT,.335",SW 规格液晶模块 POT,500K,RV16C-40-16F1-B500K LINEAR,16MM,1/5 WATT,.374",SW 规格液晶模块 POT,100K,RV16B-10-15R1-B100K LINEAR,16MM,1/5 WATT,.335",SW 规格液晶模块 PT,5K,RV16CF-40-16F1-B5K/ROHS LINEAR,16MM,1/5 WATT,.374",SW 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|
|